PART |
Description |
Maker |
LM2575 LM2575-3.3 LM2575-ADJ LM2575-12 LM2575T-5 L |
EASY SWITCHERE1.0 A STEP-DOWN VOLTAGE REGULATOR 3.2 A SWITCHING REGULATOR, 52 kHz SWITCHING FREQ-MAX, PSFM5 Precision Chopper-Stabilized Advanced LinCMOS(TM) Operational Amplifier 8-SOIC -55 to 125 EASY SWITCHERE?/a> 1.0 A STEP-DOWN VOLTAGE REGULATOR EASY SWITCHERE 1.0 A STEP-DOWN VOLTAGE REGULATOR
|
ON Semiconductor Motorola Mobility Holdings, Inc. Motorola, Inc.
|
LM2576T-ADJ LM2576TV-AJD LM2576TV-5 LM2576T-5 LM25 |
Easy switcher 1.0 A step-down voltage regulator EASY SWITCHERE 3.0 A STEP-DOWN VOLTAGE REGULATOR EASY SWITCHERE3.0 A STEP-DOWN VOLTAGE REGULATOR 3 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSFM5 EASY SWITCHERE3.0 A STEP-DOWN VOLTAGE REGULATOR 3 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5
|
Motorola Inc Motorola, Inc. Motorola Mobility Holdings, Inc.
|
BZG03_3 BZG03-C20T/R BZG03-C91/T3 BZG03-C91T/R BZG |
36 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 240 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 24 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Voltage regulator diodes 47 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 51 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 22 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 51 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 22 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 220 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 220 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 10 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 180 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Voltage regulator diodes 110 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PWM, Step-Down DC-to-DC Controller with Margining and Tracking; Package: QSOP; No of Pins: 24; Temperature Range: Industrial 120 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PWM, Step-Down DC-to-DC Controller with Margining and Tracking; Package: None Available; No of Pins: 24; Temperature Range: Industrial 12 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 11 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 16 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 18 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 15 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 12 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 15 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 1 Amp Synchronous, Step-Down DC-to-DC Converter; Package: LFCSP (4x4x.85mm, 2.10mm exposed pad); No of Pins: 16; Temperature Range: Industrial 75 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 75 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 27 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 27 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 270 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 91 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 From old datasheet system
|
NXP Semiconductors N.V.
|
ISL6548 ISL6548CRZ ISL6548CRZ-T ISL6548CRZA-T ISL6 |
500-mA Peak Step-Up, Step-Down, Inverting Switching Voltage Regulator 14-SO 0 to 70 ACPI Regulator/Controller for Dual Channel DDR Memory Systems
|
INTERSIL[Intersil Corporation]
|
LM2575-D LM2575D2T-3.3 LM2575D2T-5 LM2575T-12 LM25 |
1A, Adjustable Output Voltage, Step-Down Switching Regulator EASY SWITCHERE 1.0 A STEP-DOWN VOLTAGE REGULATOR 1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
|
ONSEMI[ON Semiconductor]
|
LM2575T-15G LM2575D2T-5 LM2575T-12 |
Isolated Flyback Switching Regulator with 9V Output 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSFM5 EASY SWITCHERE 1.0 A STEP-DOWN VOLTAGE REGULATOR 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5 EASY SWITCHERE 1.0 A STEP-DOWN VOLTAGE REGULATOR 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSFM5
|
ON Semiconductor Motorola Mobility Holdings, Inc.
|
NCP1526 NCP1526MUTXG |
400 mA, 1.2 V, High−Efficiency, Step−Down Converter with Low Noise Voltage Regulator Optimized for RF Module Integrated 3MHz Step-down (Buck) converter and low noise LDO regulator 400 mA, 1.2 V, High?Efficiency, Step?Down Converter with Low Noise Voltage Regulator Optimized for RF Module
|
ONSEMI[ON Semiconductor]
|
IFX91041EJV50 IFX91041 IFX91041EJV IFX91041EJV33 |
1.8A DC/DC Step-Down Voltage Regulator 5.0V, 3.3V or Adjustable Output Voltage
|
Infineon Technologies AG
|
IFX9104110 IFX91041EJV IFX91041EJV33 IFX91041EJV50 |
1.8A DC/DC Step-Down Voltage Regulator 5.0V, 3.3V or Adjustable Output Voltage
|
Infineon Technologies AG Infineon Technologies A...
|
IFX91041 |
1.8A DC/DC Step-Down Voltage Regulator 5.0V & 3.3V or Adjustable Output Voltage
|
Infineon Technologies AG
|
CM2596SGSCN220 CM2596SGSCN263 CM2596SSCN220 CM2596 |
3A STEP DOWN VOLTAGE REGULATOR
|
Champion Microelectronic Corp.
|
CM2576ZJCN263 CM2576SCN263 CM2576SCN220 CM2576ZJCN |
3A STEP DOWN VOLTAGE REGULATOR
|
Champion Microelectronic Corporation
|
|